Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 13Page - STMicroelectronics AN2559 Datasheet HTML 14Page - STMicroelectronics AN2559 Datasheet HTML 15Page - STMicroelectronics AN2559 Datasheet HTML 16Page - STMicroelectronics AN2559 Datasheet HTML 17Page - STMicroelectronics AN2559 Datasheet HTML 18Page - STMicroelectronics AN2559 Datasheet HTML 19Page - STMicroelectronics AN2559 Datasheet HTML 20Page - STMicroelectronics AN2559 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AN2559
PM6680A block
17/35
Figure 14 shows the schematic and placement of the reset part on the board. Typically in
real applications the reset circuit senses if the supply voltage drops below about 10% of
nominal value. This feature cannot be implemented on the System Supply board due to the
fact that the output voltage is selectable, while the reset voltage is factory set. There are
several types of reset circuits in the STM6719 family (see datasheet). Of these, the
STM6719TGWB6F was selected as optimal. The voltage thresholds of this device are
3.075 V, 1.11 V and 0.626 V.
Figure 14.
Schematic of the reset circuit and board placement
R209
110 k
Ω
Vcore
Vsys
C32
1 nF
C33
1 nF
Vio
J14
Reset
VCC1
6
VCC2
4
MR
3
VSS
2
RSTIN
5
RST
1
U6
STM6719TEWB6F
J15
Reset GND
AI12695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com