Electronic Components Datasheet Search
  English  ▼

X  

AN2559 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 23Page - STMicroelectronics AN2559 Datasheet HTML 24Page - STMicroelectronics AN2559 Datasheet HTML 25Page - STMicroelectronics AN2559 Datasheet HTML 26Page - STMicroelectronics AN2559 Datasheet HTML 27Page - STMicroelectronics AN2559 Datasheet HTML 28Page - STMicroelectronics AN2559 Datasheet HTML 29Page - STMicroelectronics AN2559 Datasheet HTML 30Page - STMicroelectronics AN2559 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
AN2559
Measurements
27/35
6.1.3
Start-up sequence
The correct start-up sequence of the supply voltage is typically requested by the FPGA
device. Therefore, there it is possible to set a dedicated start-up sequence on the System
Supply board (see 3.0.2. Figure 24) shows the start-up sequence waveform of VCORE and
VI/O outputs when the jumpers described in Table 2 are set in accordance with line 3 in the
table.
The waveforms shown in Figure 25 illustrate different start-up sequences in accordance with
the jumper settings displayed in Table 2, lines 4 and 5.
6.1.4
Transient response
Transient response refers to the behavior of the output voltage when the load changes fast.
This test was also performed on the outputs of the PM6680A branch. The load was changed
between maximum and zero load (0
↔ 2 A on VI/O output and 0 ↔ 4 A on the VCORE
output). The input voltage was 12 V and output voltage was 3.3 V and 2.5 V, respectively.
The repetition of load change was 500 Hz. The results of the measurements are shown in
Figure 26 and Figure 27. The voltage spikes caused by increasing the load are quite low. It
is possible to observe that the converter reacts very fast to a rising load and the
undervoltage is small (left waveform in figures). If the load is decreasing fast the overvoltage
spikes appear on the output (right side of picture). This effect depends partly on the reaction
of the controller and partly on the parameters of the output filter. There is remaining energy
stored in the inductor and if the load decreases this energy should be stored in the output
capacitor. This effect can be reduced by either reducing the value of the inductor (to reduce
the amount of energy stored in the inductor), or by increasing the value of the output
capacitor (a higher capacitance is capable of absorbing more energy from the inductor).
Figure 26.
Load transient response on VCORE output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com