Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 2Page - STMicroelectronics AN2810 Datasheet HTML 3Page - STMicroelectronics AN2810 Datasheet HTML 4Page - STMicroelectronics AN2810 Datasheet HTML 5Page - STMicroelectronics AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Component list
AN2810
6/17
Doc ID 14893 Rev 1
3
Component list
Table 2.
LED7706 demonstration board component list
Qty
Componen
t
Description
Package
Part-number
MFR
Value
1
C1
Ceramic, 35 V, X5R, 20%
SMD 1210
UMK325BJ106KM-T
Taiyo Yuden
10 µF
2
C2,C3
Ceramic, 50 V, X7R, 20%
SMD 1206
GRM31CR71H475KA88B
Murata
4.7 µF
1
C4
Ceramic, 50 V, X7R, 20%
SMD 1206
N.M.
1
C5
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
1 µF
1
C6
Ceramic, 25V , X5R, 20%
SMD 0603
Standard
100 nF
1
C7
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
3.3 nF
1
C8
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
4.7 nF
1
C9
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
N.M.
1
C10
Ceramic, 25 V, X5R, 20%
SMD 0402
Standard
220 pF
1
C11
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
4.7 nF
1
C12
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
N.M.
1
C13
Ceramic, 25 V, X5R, 20%
SMD 0603
Standard
N.M.
1
R1
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
510 k
Ω
1
R2
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
16 k
Ω
1
R3
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
2.4 k
Ω
1
R4
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
4.7
Ω
1
R5
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
330
Ω
1
R6
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
24 k
Ω
1
R7
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
360 k
Ω
1
R8
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
680 k
Ω
2
R9, R10
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
100 k
Ω
1
R11
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
1.2 k
Ω
1
R12
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
N.M.
1
R13
Chip resistor, 0.1 W, 1%
SMD 0603
Standard
N.M.
1
L1
68 µH, 75 mH, 5.8 A
7x7mm
XPL7030-682ML
Coilcraft
6.8 µH
1
D1
Schottky, 40 V, 1 A
DO216-AA
STPS1L40M
ST
STPS1L40M
1
D2
Red LED, 3 mA
SMD 0603
Standard
1
D3
Signal Schottky
SOD-523
BAS69
ST
N.M.
1
U1
Integrated circuit
QFN4x4
LED7707
ST
LED7707
1
J2
PCB pad jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com