Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics AN2810 Datasheet HTML 11Page - STMicroelectronics AN2810 Datasheet HTML 12Page - STMicroelectronics AN2810 Datasheet HTML 13Page - STMicroelectronics AN2810 Datasheet HTML 14Page - STMicroelectronics AN2810 Datasheet HTML 15Page - STMicroelectronics AN2810 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Getting started
AN2810
12/17
Doc ID 14893 Rev 1
9
Getting started
The following step-by-step instructions are provided as a guide for quick evaluation of the
performance of the LED7707 demonstration board.
9.1
Quick startup
1.
Working in an ESD-protected environment is highly recommended. Check all wrist
straps and ESD mat earth connections before handling the LED7707 board
2.
Connect the power supply to the LED7707 board and insert the A-meter as shown in
Figure 8. Connect a V-meter between VBOOST and ground to monitor the output
voltage
3.
Connect the white LEDs array to the row1-row6 and VBOOST terminals of the
LED7707 board
4.
Set the PWM signal (500 Hz, 5% duty-cycle, 3.3 V CMOS logic levels) on a signal
generator and connect it to the DIM input
5.
Set SW1 and SW2 in the “down” position (fixed frequency and MODE to AVCC). Do not
change jumpers settings when the board is powered
6.
Set the input voltage to 12 V
7.
Turn-on the PWM generator
8.
Turn-on the VIN supply. The device turns on
9.
Vary the input voltage within the range 6 V - 32 V
10.
Set the input voltage to 12 V
11. Vary the dimming duty-cycle from 1% to 100%
12. Check the shape of the row current at 10 us dimming on-time
Note:
When used for rowx current measurement, some autoranging A-meters can trigger open-
row or shorted-LED fault detection during the automatic scale selection procedure.
Caution:
Disabling the auto-ranging option on the A-meter is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com