Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2810 Datasheet HTML 1Page - STMicroelectronics AN2810 Datasheet HTML 2Page - STMicroelectronics AN2810 Datasheet HTML 3Page - STMicroelectronics AN2810 Datasheet HTML 4Page - STMicroelectronics AN2810 Datasheet HTML 5Page - STMicroelectronics AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN2810
LED7707 demonstration board
Doc ID 14893 Rev 1
5/17
2
LED7707 demonstration board
The LED7707 demonstration board has been designed to manage six strings of 8 to 10
white LEDs each.
Table 1 summarizes the board features and Figure 2 shows the LED7707 demonstration
board schematic. The input voltage range is limited to 32 V because of the 35 V rated input
capacitor. An extended operating input voltage range (up to 36 V) can be achieved by using
a 50 V-rated MLCC.
Figure 2.
LED7707 demonstration board schematic
Table 1.
LED7707 performance summary
Parameter
Conditions
Value
Minimum input voltage
6 V
Maximum input voltage
32 V
Output voltage
VIN<VBOOST<36 V
Output OVP threshold
R1=510 k
Ω, R2=16 kΩ
38 V
Internal MOSFET OCP
R7=360 k
3.3 A
Boost section switching frequency
FSW pin to AVCC
660 kHz
FSW pin to R5=330 k
825 kHz
Minimum dimming on-time
400 Hz<FDIM<20 kHz
10 µs
Output current (each row)
R6=24 k
75 mA
Output current accuracy
±2%
Efficiency
VIN=12V , VBOOST=34 V,
FSW=660 kHz
91%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com