Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2810 Datasheet HTML 1Page - STMicroelectronics AN2810 Datasheet HTML 2Page - STMicroelectronics AN2810 Datasheet HTML 3Page - STMicroelectronics AN2810 Datasheet HTML 4Page - STMicroelectronics AN2810 Datasheet HTML 5Page - STMicroelectronics AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2009
Doc ID 14893 Rev 1
1/17
AN2810
Application note
6-row 85 mA LED driver with boost
converter for LCD panel backlighting
Introduction
The LED7707 LED driver from STMicroelectronics consists of a high-efficiency monolithic
boost converter and six controlled current generators (rows), specifically designed to supply
LED arrays used in the backlighting of LCD panels. The device can manage an output
voltage up to 36 V (i.e. ten white-LEDs per row). The generators can be externally
programmed to sink up to 85 mA and can be dimmed via a PWM signal (1% of minimum
dimming duty-cycle at 1 kHz can be managed). The device allows detection and
management of open and shorted LED faults, and permits unused rows to be left floating.
Basic protections (output overvoltage, internal MOSFET overcurrent and thermal shutdown)
are provided.
Figure 1.
LED7707 demonstration board
www.st.com


Similar Part No. - AN2810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2811 STMICROELECTRONICS-AN2811 Datasheet
1Mb / 25P
High brightness LEDs are becoming a prominent source of lighting
16-Jun-2009
AN2813 STMICROELECTRONICS-AN2813 Datasheet
380Kb / 25P
TDE1708DFT in IO-Link applications
09-Feb-2011
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
More results

Similar Description - AN2810

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4240 CATALYST-CAT4240 Datasheet
313Kb / 14P
6 Watt Boost LED Driver
CAT4240_0711 CATALYST-CAT4240_0711 Datasheet
285Kb / 14P
6 Watt Boost LED Driver
logo
STMicroelectronics
PM6600 STMICROELECTRONICS-PM6600 Datasheet
774Kb / 43P
6-row 32 mA LED driver with boost regulator for LCD panel backlight
07-Apr-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
logo
ON Semiconductor
CAT4240TD-GT3 ONSEMI-CAT4240TD-GT3 Datasheet
298Kb / 14P
6 Watt Boost LED Driver
Doc. No. MD-5026 Rev. D
CAT4240 ONSEMI-CAT4240 Datasheet
186Kb / 12P
6 Watt Boost LED Driver
February, 2010 ??Rev. 3
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
STMicroelectronics
ALED7707 STMICROELECTRONICS-ALED7707 Datasheet
1Mb / 36P
6-row 85 mA LEDs driver with boost regulator for LCD panels backlight
23-Jan-2017
LED7708 STMICROELECTRONICS-LED7708 Datasheet
861Kb / 53P
16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
May 2012 Rev 1
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com