Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics AN2810 Datasheet HTML 11Page - STMicroelectronics AN2810 Datasheet HTML 12Page - STMicroelectronics AN2810 Datasheet HTML 13Page - STMicroelectronics AN2810 Datasheet HTML 14Page - STMicroelectronics AN2810 Datasheet HTML 15Page - STMicroelectronics AN2810 Datasheet HTML 16Page - STMicroelectronics AN2810 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Getting started
AN2810
14/17
Doc ID 14893 Rev 1
Figure 9.
LED7707 synchronization setup
9.4
Efficiency measurements
Figure 10 shows the setup used to perform the efficiency measurements. The efficiency in
this device is typically defined as the ratio between the power provided to the load (current
flowing through the LEDs multiplied by the voltage across the LEDs) and the total input
power. The power dissipated in the current generators is correctly considered as a power
loss. This way of calculating the efficiency implies that the voltage across the LEDs is the
same for all the strings. However this is not true. The power delivered to the load should be
calculated as follows:
Equation 2
where VSTRING_i is the voltage across the LEDs in row i, whereas ISTRING_i is the current
flowing through the row i. To facilitate the measurement, the voltage drop of all the
generators is equalized by connecting them together. In this condition, the power provided to
the LEDs is simple to calculate:
Equation 3
where VSTRING is the voltage across the parallelized channels, whereas ISTRING is the total
current delivered to the load (the sum of the current of the six channels). Since all the
PWM Generator
4.5V – 32V @ 2A
Power Supply
6x10 – 75mA LEDs ARRAY
VBOOST
VIN+
VIN-
GND
DIM
+
CH2
CH1
Scope
700kHz – 30%
Clock Generator
FSW
SYNC
PWM Generator
4.5V – 32V @ 2A
Power Supply
6x10 – 75mA LEDs ARRAY
VBOOST
VIN+
VIN-
GND
DIM
+
CH2
CH1
Scope
700kHz – 30%
Clock Generator
700kHz – 30%
Clock Generator
FSW
SYNC
P
LOAD
V
STRINGi
i1
=
6
∑
I
STRINGi
⋅
=
P
LOAD
V
STRING
I
STRING
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com