Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics AN2810 Datasheet HTML 11Page - STMicroelectronics AN2810 Datasheet HTML 12Page - STMicroelectronics AN2810 Datasheet HTML 13Page - STMicroelectronics AN2810 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Configuration
AN2810
10/17
Doc ID 14893 Rev 1
7.3
SW3 enable function
The terminals of switch SW3 are connected on one side to the EN pin and on the other side
to ground. Therefore, when the switch is not pressed, the EN pin is floating, which implies
that the device is working. Pressing the SW3 pin connects the EN pin to ground. When SW3
is released, the device re-starts (a soft-start is performed). The SW3 switch can be activated
whenever a new startup is required or to escape a latched condition.
Table 4.
Fault management summary
Fault
MODE to GND
MODE to VCC
Internal MOSFET
overcurrent
Fault pin HIGH
Power MOSFET turned off
Output overvoltage
FAULT pin LOW
Power MOSFET turned off (hysteretic regulation)
Thermal shutdown
FAULT pin LOW. Device turned off.
Automatic restart after 30 °C temperature drop.
LED short-circuit
Fault pin LOW
Device turned OFF (100 µA
masking time), latched
condition (Vth=4.0 V)
Open row(s)
Fault pin LOW
Device turned off at first
occurrence, latched condition
FAULT pin HIGH
Faulty row(s) disconnected
(100 µs masking time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com