Electronic Components Datasheet Search
  English  ▼

X  

AN2810 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 4Page - STMicroelectronics AN2810 Datasheet HTML 5Page - STMicroelectronics AN2810 Datasheet HTML 6Page - STMicroelectronics AN2810 Datasheet HTML 7Page - STMicroelectronics AN2810 Datasheet HTML 8Page - STMicroelectronics AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics AN2810 Datasheet HTML 11Page - STMicroelectronics AN2810 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
I/O interface
AN2810
8/17
Doc ID 14893 Rev 1
5
I/O interface
The LED7707 demonstration board is equipped with the test points described in Table 3.
6
Recommended equipment
●
4.5 V to 32 V, 2 A capable power supply
●
Digital multi-meters
●
20 MHz oscilloscope
●
Signal generators for PWM dimming and synchronization clock (optional)
7
Configuration
The LED7707 demonstration board allows the user to choose the desired mode of operation
using the SW1 and SW2 selectors (refer to the configuration description in the following
paragraphs). A red LED is connected to the FAULT pin to easily monitor its status; if this
option is not required, the monitor LED can be disconnected opening the J2 jumper.
7.1
SW1 fixed or adjustable switching frequency (FSW pin)
The SW1 selector is used to choose between the fixed switching frequency (660 kHz) and a
user-defined switching frequency in the range 250 kHz to 1 MHz (see Figure 5). When
placed in the “down” position, the fixed switching frequency is selected.
Table 3.
LED7707 demonstration board test points description
Test point
Description
VIN+
Input voltage, positive terminal
VIN-
Input voltage, negative terminal
GND
Reference ground
ROW1 to ROW6
Current generator output
VBOOST
Boost regulator output voltage
DIM
PWM dimming input
EN
Enable input (active high)
SYNC
Synchronization output
FSW
Synchronization input
FAULT
Fault signal, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com