Electronic Components Datasheet Search
  English  ▼

X  

AN2839 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 6Page - STMicroelectronics AN2839 Datasheet HTML 7Page - STMicroelectronics AN2839 Datasheet HTML 8Page - STMicroelectronics AN2839 Datasheet HTML 9Page - STMicroelectronics AN2839 Datasheet HTML 10Page - STMicroelectronics AN2839 Datasheet HTML 11Page - STMicroelectronics AN2839 Datasheet HTML 12Page - STMicroelectronics AN2839 Datasheet HTML 13Page - STMicroelectronics AN2839 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Designing an application with L6228
AN2839
10/40
Doc ID 15104 Rev 1
where Ipk is the peak value of the load current.
Using multiple resistors in parallel will help obtain the required power rating with standard
resistors and reduce the inductance.
The RSENSE tolerance reflects on the peak current error: 1% resistors should be preferred.
Table 1 shows the recommended values for RSENSE (to obtain a 0.5-V drop) and power
ratings for typical examples of current peak values.
1.6
External components for the charge pump
An internal oscillator, with its output at the CP pin, switches from GND to 10 V with a typical
frequency of 600 kHz (Figure 7).
Figure 7.
Charge pump
When the oscillator output is at ground, C5 is charged by VS through D2. When it rises to
10 V, D2 is reverse-biased and the charge flows from C5 to C8 through D1, so the VBOOT pin,
after a few cycles, reaches the maximum voltage of VS + 10 V - VD1 - VD2, which supplies
the high-side gate drivers.
With a differential voltage between VS and VBOOT of about 9 V and both bridges switching at
50 kHz, the typical current drawn by the VBOOT pin is 1.85 mA.
Table 1.
RSENSE recommended values
Ipk
RSENSE value [Ω]
RSENSE power rating [W]
Alternatives
0.25
2
0.125
0.5
1
0.25
1
0.5
0.5
2 X 1
Ω, 0.25 W paralleled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com