Electronic Components Datasheet Search
  English  ▼

X  

AN2839 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 21Page - STMicroelectronics AN2839 Datasheet HTML 22Page - STMicroelectronics AN2839 Datasheet HTML 23Page - STMicroelectronics AN2839 Datasheet HTML 24Page - STMicroelectronics AN2839 Datasheet HTML 25Page - STMicroelectronics AN2839 Datasheet HTML 26Page - STMicroelectronics AN2839 Datasheet HTML 27Page - STMicroelectronics AN2839 Datasheet HTML 28Page - STMicroelectronics AN2839 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN2839
Designing an application with L6228
Doc ID 15104 Rev 1
25/40
On the other hand, slow decay can be undesirable in some situations, for example when
current has to be regulated at very low values or the motor winding L/R ratio is high. In these
cases, an on time shorter than the minimum tON (about 1.5 µs) may be requested to
regulate the current, and this can cause the PWM controller to lose the regulation (refer to
Section 1.11).
Another situation where fast decay should be preferred to slow decay is when the regulated
current is expected to vary over time with a given profile (enforced, providing a variable
voltage on the Vref pins - see Section 1.16). Here fast decay helps to track fast decreasing
edges in the desired profile.
1.15
Choosing the stepping sequence
The device can provide three different sequences to run a stepper motor: full-step, two-
phase on (normal drive), full-step, one-phase on (wave drive) and half-step.
If half-step driving is used, the motor advances by half a step after each clock pulse,
obtaining a higher position resolution and reducing instability due to low torque regions in
certain motors' speed-torque diagrams, when used in full-step mode.
Figure 28.
Torque instability in full-step mode.
When this driving method is used, the torque is affected by ripple because in odd-numbered
states, when both coils are driven, the total current in the motor windings is double that
found in even-numbered states.
A way to avoid the high torque ripple in half-step mode is to supply the motor with a higher
current (by a factor of
) during the even-numbered states, in which only one winding is
energized, simply by applying a
higher reference voltage at the VrefA, VrefB pins during
these states (see Figure 29 on page 26)(b).
b.
Also refer to [2] in References
.
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com