Electronic Components Datasheet Search
  English  ▼

X  

AN2839 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2839 Datasheet HTML 1Page - STMicroelectronics AN2839 Datasheet HTML 2Page - STMicroelectronics AN2839 Datasheet HTML 3Page - STMicroelectronics AN2839 Datasheet HTML 4Page - STMicroelectronics AN2839 Datasheet HTML 5Page - STMicroelectronics AN2839 Datasheet HTML 6Page - STMicroelectronics AN2839 Datasheet HTML 7Page - STMicroelectronics AN2839 Datasheet HTML 8Page - STMicroelectronics AN2839 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Designing an application with L6228
AN2839
4/40
Doc ID 15104 Rev 1
1
Designing an application with L6228
1.1
Current ratings
With MOSFET (DMOS) devices, unlike bipolar transistors, the current under short-circuit
conditions is, at a first approximation, limited by the RDS(on) of the DMOS themselves and
can reach very high values. The L6228’s OUT pins and the two VSA and VSB pins are rated
for a maximum of 1.4 Arms and 2.8 A peak (typical values), corresponding to a total of 2.8
Arms (5.6 A peak) for the whole IC. These values are meant to avoid damaging the metal
structures, including the metallization on the die and bond wires. In practical applications,
however, the maximum-allowable current is less than these values, due to power dissipation
limits (see Section 1.13). The device has a built-in overcurrent detection (OCD) that
provides protection against short-circuits between the outputs and between an output and
ground (see Section 1.12).
1.2
Voltage ratings and operating range
The L6228 requires a single supply voltage (VS) for the motor supply. Internal voltage
regulators provide the 5 and 10 volts required for the internal circuitry. The operating range
for VS is 8 to 52 V. To prevent the device from operating at an insufficient supply voltage, an
undervoltage lockout (UVLO) circuit shuts down the device when the supply voltage falls
below 5.5 V; to resume normal operating conditions, VS must then exceed 6.3 V. The
hysteresis is provided to avoid false intervention of the UVLO function during fast VS
ringings. It should be noted, however, that the DMOS' RDS(on) is a function of the VS supply
voltage. In fact, when VS is less than 10 V, RDS(on) is adversely affected, and this is
particularly true for the high-side DMOS’s that are driven from the VBOOT supply. This supply
is obtained through a charge pump from the internal 10 V supply, which will tend to reduce
its output voltage when VS goes below 10 V. Figure 2 shows the supply voltage of the high-
side gate drivers (VBOOT - VS) versus the supply voltage (VS).
Figure 2.
Supply voltage of high-side gate drivers versus supply voltage
Note that VS must be connected to both VSA and VSB since the bootstrap voltage (at the
VBOOT pin) is the same for the two H-bridges. The integrated DMOS’s have a rated drain-
source breakdown voltage of 60 V. However, VS should be kept below 52 V, since in normal
working conditions the DMOS’s see a Vds voltage that will exceed the VS supply. In
particular, when using the fast-decay mode, at the beginning of the off time (when all the
DMOS’s are off during dead time) the SENSE pin sees a negative spike due to a non-
negligible parasitic inductance of the PCB path from the pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com