Electronic Components Datasheet Search
  English  ▼

X  

AN2839 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2839
Description  L6228 fully-integrated two-phase stepper motor driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2839 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2839 Datasheet HTML 26Page - STMicroelectronics AN2839 Datasheet HTML 27Page - STMicroelectronics AN2839 Datasheet HTML 28Page - STMicroelectronics AN2839 Datasheet HTML 29Page - STMicroelectronics AN2839 Datasheet HTML 30Page - STMicroelectronics AN2839 Datasheet HTML 31Page - STMicroelectronics AN2839 Datasheet HTML 32Page - STMicroelectronics AN2839 Datasheet HTML 33Page - STMicroelectronics AN2839 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Application example
AN2839
30/40
Doc ID 15104 Rev 1
Figure 34.
Application example
With wave drive selected, the dissipating power is about 0.8 W. If the ambient temperature is
lower than 50° C, with a 4 cm2 copper area on the PCB and an SO24 package, the
estimated junction temperature is about 94° C. Using more copper area or a PowerDIP
package will reduce the junction temperature.
AM01717v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com