Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 8Page - STMicroelectronics AN2960 Datasheet HTML 9Page - STMicroelectronics AN2960 Datasheet HTML 10Page - STMicroelectronics AN2960 Datasheet HTML 11Page - STMicroelectronics AN2960 Datasheet HTML 12Page - STMicroelectronics AN2960 Datasheet HTML 13Page - STMicroelectronics AN2960 Datasheet HTML 14Page - STMicroelectronics AN2960 Datasheet HTML 15Page - STMicroelectronics AN2960 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Digital interfaces
AN2960
12/41
Doc ID 15557 Rev 1
Transfer when master is receiving (reading) multiple bytes of data from slave
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number
of bytes per transfer is unlimited. Data is transferred with the most significant bit (MSb) first.
If a receiver cannot receive another complete byte of data until it has performed some other
function, it can hold the clock line SCL low to force the transmitter into a wait state. Data
transfer continues only when the receiver is ready for another byte and releases the data
line. If a slave receiver does not acknowledge the slave address (i.e. it is not able to receive
because it is performing some other real-time function) the data line must be left high by the
slave. The master can then abort the transfer. A low to high transition on the SDA line while
the SCL line is HIGH is defined as a STOP condition. Each data transfer must be terminated
by the generation of a STOP (SP) condition.
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of the first register to read.
In the communication format presented, MAK signifies master acknowledge and NMAK is
no master acknowledge.
4.1.2
I2C subsequences
In order to better define subsequences and to clarify line SCL and SDA behavior, a
description containing the discrete values of SCL and SDA follow. These simple
subsequences are used to implement the complex commands described in the following
paragraph.
Master
ST
SAD + W
SUB
SR
SAD + R
MAK
Slave
SAK
SAK
SAK
DATA
Master
MAK
NMAK
SP
Slave
DATA
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com