Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 23Page - STMicroelectronics AN2960 Datasheet HTML 24Page - STMicroelectronics AN2960 Datasheet HTML 25Page - STMicroelectronics AN2960 Datasheet HTML 26Page - STMicroelectronics AN2960 Datasheet HTML 27Page - STMicroelectronics AN2960 Datasheet HTML 28Page - STMicroelectronics AN2960 Datasheet HTML 29Page - STMicroelectronics AN2960 Datasheet HTML 30Page - STMicroelectronics AN2960 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
AN2960
Free-fall and wake-up registers
Doc ID 15557 Rev 1
27/41
This register keeps track of the acceleration event triggering (or that has triggered, if the LIR
bit in FF_WU_SRC_1 reg is set to 1) the interrupt signal. In particular, IA is equal to 1 when
the combination of acceleration events specified in FF_WU_CFG_1 register is true. This bit
is used for the generation of the interrupt signal associated with free-fall/wake-up events.
X, (Y, Z) high is true when the module of the acceleration value of the X (Y, Z) channel is
higher than the preset threshold which is defined as the concatenation of FF_WU_THS_1.
Similarly, X, (Y, Z) low is true when the module of the acceleration value of the X (Y, Z)
channel is lower than FF_WU_THS_1.
Reading at this address clears the FF_WU_SRC_1 register and the FF_WU1 interrupt and
allows the refreshment of data in the FF_WU_SRC_1 register itself, if the latched option was
chosen.
8.4
FF_WU_THS_1 (32h)
Free-fall, wake-up threshold for interrupt 1.
The DCRM bit allows selection of the way in which the duration counter is reset. When
DCRM is ‘0’, the duration counter is reset immediately whenever the internal inertial event
programmed by the user is not active (Figure 12 part B) while it is decremented when
DCRM is set to 1 (Figure 12 part C). The latter configuration allows the filtering out of
spurious spikes which might impair the recognition and validation of inertial events.
DCRM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
DCRM
Duration counter reset mode selection. Default value: 0
(0: counter reset; 1: counter decremented)
THS6, THS0
Free-fall / wake-up threshold: default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com