Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 16Page - STMicroelectronics AN2960 Datasheet HTML 17Page - STMicroelectronics AN2960 Datasheet HTML 18Page - STMicroelectronics AN2960 Datasheet HTML 19Page - STMicroelectronics AN2960 Datasheet HTML 20Page - STMicroelectronics AN2960 Datasheet HTML 21Page - STMicroelectronics AN2960 Datasheet HTML 22Page - STMicroelectronics AN2960 Datasheet HTML 23Page - STMicroelectronics AN2960 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
About control registers
AN2960
20/41
Doc ID 15557 Rev 1
6.2
CTRL_REG2 (21h)
Control register #2.
The SIM bit selects the SPI serial interface mode. When SIM is ‘0’ (default value), the 4-wire
interface mode is selected. The data coming from the device are sent to the SDO pad. In 3-
wire interface mode, the output data are sent to the SDA/SDI pad.
The BOOT bit is used to refresh the content of internal registers stored in the Flash memory
block. At device power-up, the content of the Flash memory block is transferred to the
internal registers related to the trimming functions, to permit good device behavior. If for any
reason the content of the trimming registers is changed, this bit can be used to restore the
correct values. When the BOOT bit is set to ‘1’, the content of the internal Flash is copied to
the corresponding internal registers and used to calibrate the device. These values are
factory-trimmed, are different for every accelerometer and normally should not be changed.
At the end of the boot process, the BOOT bit is set again to ‘0’.
The FDS bit enables (FDS=1) or bypasses (FDS=0) the high-pass filter in the signal chain of
the sensor.
The HP FF_WU[2:1] bits enable (HP FF_WU=1) or bypass (HP FF_WU=0) the high-pass
filter in interrupt generation blocks.
The HP coeff[2:1] bits are used to configure the high-pass filter cut-off frequency ft,
accordingly to the following table:
SIM
BOOT
--
FDS
HP
FF_WU2
HP
FF_WU1
HP coeff2
HP coeff1
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register)
HP FF_WU2
High-pass filter enabled for free-fall/wakeup # 2. Default value: 0
(0: filter bypassed; 1: filter enabled)
HP FF_WU1
High-pass filter enabled for free-fall/wake-up #1. Default value: 0
(0: filter bypassed; 1: filter enabled)
HP coeff2
HP coeff1
High-pass filter cut-off frequency configuration. Default value: 00
HPcoeff2,1
ft (Hz)
(DR=100 Hz)
ft (Hz)
(DR=400 Hz)
00
2
8
01
1
4
10
0.5
2
11
0.25
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com