Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 13Page - STMicroelectronics AN2960 Datasheet HTML 14Page - STMicroelectronics AN2960 Datasheet HTML 15Page - STMicroelectronics AN2960 Datasheet HTML 16Page - STMicroelectronics AN2960 Datasheet HTML 17Page - STMicroelectronics AN2960 Datasheet HTML 18Page - STMicroelectronics AN2960 Datasheet HTML 19Page - STMicroelectronics AN2960 Datasheet HTML 20Page - STMicroelectronics AN2960 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
AN2960
Register description
Doc ID 15557 Rev 1
17/41
5
Register description
5.1
Register address map
The table below provides a listing of the registers embedded in the device.
Table 4.
Registers address map
Name
Type
Register
address
Default
Comment
Hex
Binary
Reserved (do not modify)
00-0E
Reserved
Who_Am_I
r
0F
00 1111
00111011
Dummy register
Reserved (do not modify)
10-1F
Reserved
CTRL_REG1
rw
20
10 0000
00000111
CTRL_REG2
rw
21
10 0001
00000000
CTRL_REG3
rw
22
10 0010
00000000
HP_filter_reset
r
23
10 0011
dummy
Dummy register
Reserved (do not modify)
24-26
Reserved
Status_Reg
r
27
10 0111
00000000
--
r
28
10 1000
Not used
Out_X
r
29
10 1001
output
--
r
2A
10 1010
Not used
Out_Y
r
2B
10 1011
output
--
r
2C
10 1100
Not used
Out_Z
r
2D
10 1101
output
Reserved (do not modify)
2E-2F
Reserved
FF_WU_CFG_1
rw
30
11 0000
00000000
FF_WU_SRC_1(ack1)
r
31
11 0001
00000000
FF_WU_THS_1
rw
32
11 0010
00000000
FF_WU_DURATION_1
rw
33
11 0011
00000000
FF_WU_CFG_2
rw
34
11 0100
00000000
FF_WU_SRC_2 (ack2)
r
35
11 0101
00000000
FF_WU_THS_2
rw
36
11 0110
00000000
FF_WU_DURATION_2
rw
37
11 0111
00000000
Reserved (do not modify)
38-3F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com