Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 20Page - STMicroelectronics AN2960 Datasheet HTML 21Page - STMicroelectronics AN2960 Datasheet HTML 22Page - STMicroelectronics AN2960 Datasheet HTML 23Page - STMicroelectronics AN2960 Datasheet HTML 24Page - STMicroelectronics AN2960 Datasheet HTML 25Page - STMicroelectronics AN2960 Datasheet HTML 26Page - STMicroelectronics AN2960 Datasheet HTML 27Page - STMicroelectronics AN2960 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Data and status registers
AN2960
24/41
Doc ID 15557 Rev 1
ZOR is set to 1 whenever a new acceleration sample related to the Z-axis is generated
before the retrieval of the previous sample. When this occurs, the previous sample is
overwritten. ZOR is cleared anytime the OUTZ register is read.
YOR is set to 1 whenever a new acceleration sample related to the Y-axis is generated
before the retrieval of the previous sample. When this occurs, the previous sample is
overwritten. YOR is cleared anytime the OUTY_H register is read.
XOR is set to 1 whenever a new acceleration sample related to the X-axis is generated
before the retrieval of the previous sample. When this occurs, the previous sample is
overwritten. XOR is cleared anytime the OUTX_H register is read.
The ZYXDA bit signals that a new sample for all the enabled channels is available. ZYXDA is
cleared when the acceleration data (OUTX, OUTY, OUTZ) of all the enabled channels are
read.
ZDA is set to 1 whenever a new acceleration sample related to the Z-axis is available. ZDA
is cleared anytime the OUTZ register is read. In order to trigger, the ZDA bit requires the Z-
axis to be enabled (bit Zen=1 in CTRL_REG1).
YDA is set to 1 whenever a new acceleration sample related to the Y-axis is available. YDA
is cleared anytime the OUTY register is read. In order to trigger, the YDA bit requires the Y-
axis to be enabled (bit Yen=1 in CTRL_REG1).
XDA is set to 1 whenever a new acceleration sample related to the X-axis is available. XDA
is cleared anytime the OUTX register is read. In order to trigger, the XDA bit requires the X-
axis to be enabled (bit Xen=1 in CTRL_REG1).
7.3
OUTX (29h)
X-axis output register.
7.4
OUTY (2Bh)
Y-axis output register.
.
7.5
OUTZ (2Dh)
Z-axis output register.
.
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com