Electronic Components Datasheet Search
  English  ▼

X  

AN2960 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2960
Description  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 15Page - STMicroelectronics AN2960 Datasheet HTML 16Page - STMicroelectronics AN2960 Datasheet HTML 17Page - STMicroelectronics AN2960 Datasheet HTML 18Page - STMicroelectronics AN2960 Datasheet HTML 19Page - STMicroelectronics AN2960 Datasheet HTML 20Page - STMicroelectronics AN2960 Datasheet HTML 21Page - STMicroelectronics AN2960 Datasheet HTML 22Page - STMicroelectronics AN2960 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AN2960
About control registers
Doc ID 15557 Rev 1
19/41
6
About control registers
6.1
CTRL_REG1 (20h)
Control register #1.
The DR bit allows the selection of the data rate at which acceleration samples are produced.
The default value is 0, which corresponds to a data rate of 100 Hz. By changing the content
of DR to 1, the selected data rate is set equal to 400 Hz.
The PD bit allows the device to exit power-down mode. The device is in power-down mode when
PD= “0” (default value after boot). The device is in normal mode when PD is set to 1.
The STP and STM bits are used to activate the self-test function. When one of the bits is set
to 1, a change to the device outputs occurs (refer to datasheet for specification), allowing
checking of the functionality of the whole measurement chain. STP and STM move the
output in opposite directions.
The Zen bit enables the generation of a DataReady signal for the Z-axis measurement
channel when set to 1. The default value is 1.
The Yen bit enables the generation of a DataReady signal for the Y-axis measurement
channel when set to 1. The default value is 1.
The Xen bit enables the generation of a DataReady signal for the X-axis measurement
channel when set to 1. The default value is 1.
DR
PD
FS
ST P
ST M
Zen
Yen
Xen
DR
Data rate selection. Default value: 0
(0: 100 Hz output data rate; 1: 400 Hz output data rate)
PD
Power-down control. Default value: 0
(0: power-down mode; 1: active mode)
FS
Full scale selection. Default value: 0
(0: +/- 2 g; 1: +/- 8 g)
STP, STM
Self test enable. Default value: 00
(00: normal mode; 10: self test P; 01 self test M; 11: forbidden)
Zen
Z-axis enable. Default value: 1
(0: Z-axis disabled; 1: Z-axis enabled)
Yen
Y-axis enable. Default value: 1
(0: Y-axis disabled; 1: Y-axis enabled)
Xen
X-axis enable. Default value: 1
(0: X-axis disabled; 1: X-axis enabled)
DR (Data rate)
PD (Power-down)
Status
0
0
Power-down (default)
0
1
Active (100 Hz output)
1
0
Power-down
1
1
Active (400 Hz output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com