Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 8Page - STMicroelectronics AN4314 Datasheet HTML 9Page - STMicroelectronics AN4314 Datasheet HTML 10Page - STMicroelectronics AN4314 Datasheet HTML 11Page - STMicroelectronics AN4314 Datasheet HTML 12Page - STMicroelectronics AN4314 Datasheet HTML 13Page - STMicroelectronics AN4314 Datasheet HTML 14Page - STMicroelectronics AN4314 Datasheet HTML 15Page - STMicroelectronics AN4314 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Performance and considerations with LED loads
AN4314
12/31
DocID024821 Rev 2
4
Performance and considerations with LED loads
The board has been designed to source 350 mA nominal value into a string of 23 LEDs of
about 1 W power and a forward drop of 3.2 V typical at ambient temperature. The LEDS
used to test the demonstration board have been furnished by Seoul Semiconductor (part
number X42182) [
6].
In order to reproduce the possible LED string drop variation due to thermal heating of a
single LED, measurements have been done first by loading the SMPS with a string of 23
LEDs having a voltage drop of 71 V
dc
, then loading 22 LEDs (68 V
dc
) and finally 24 (75 V
dc
).
The behavior of the board has been checked also at the limit of the LED tolerance of the
voltage drop, at -10 %, that is, 63 V
dc
and +10 %, that is, 77 V
dc
by using an active load.
Figure 3 represents the different load voltage drops of the LEDs, applied to the converter, at
each point of the wide-range mains. This figure is necessary to understand the following
Figure 4, 5, 6 and 7.
Figure 3. LED string voltage vs. line voltage
Figure 4 shows the LED string current versus the mains input voltage according to the load.
The LED current has been set at 350 mA nominal, using
Equation 2 and considering the
internal Vcsth of SEA05L (see datasheet):
Equation 2
The SEA05L perfectly regulates the current loop over the entire mains voltage and load
range [-10 %, +10 %].
Ω
=
=
14
.
0
350
50
05
_
mA
mV
R
L
SEA
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com