Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 21Page - STMicroelectronics AN4314 Datasheet HTML 22Page - STMicroelectronics AN4314 Datasheet HTML 23Page - STMicroelectronics AN4314 Datasheet HTML 24Page - STMicroelectronics AN4314 Datasheet HTML 25Page - STMicroelectronics AN4314 Datasheet HTML 26Page - STMicroelectronics AN4314 Datasheet HTML 27Page - STMicroelectronics AN4314 Datasheet HTML 28Page - STMicroelectronics AN4314 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DocID024821 Rev 2
25/31
AN4314
Harmonic content measurement
31
6
Harmonic content measurement
One of the main purposes of this converter is the correction of input current distortion,
decreasing the harmonic contents below the limits of the actual regulation. Therefore, the
board has been tested according to the Japanese standard JEIDA-MITI Class-C and
European standard EN61000-3-2 Class-C, at full load and both nominal input voltage
mains.
Figure 30. EVL6564H-25W-BB at 100 Vac/50 Hz compliance with JEIDA-MITI class-C
limits at PF = 0.9801
Figure 31. EVL6564H-25W-BB at 230 Vac/50 Hz compliance with EN61000-3-2 class-C
limits at PF = 0.9180
As shown in the figures that follow, the circuit is capable of reducing the harmonics well
below the limits of both regulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com