Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 16Page - STMicroelectronics AN4314 Datasheet HTML 17Page - STMicroelectronics AN4314 Datasheet HTML 18Page - STMicroelectronics AN4314 Datasheet HTML 19Page - STMicroelectronics AN4314 Datasheet HTML 20Page - STMicroelectronics AN4314 Datasheet HTML 21Page - STMicroelectronics AN4314 Datasheet HTML 22Page - STMicroelectronics AN4314 Datasheet HTML 23Page - STMicroelectronics AN4314 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
PFC waveforms
AN4314
20/31
DocID024821 Rev 2
Figure 16 and Figure 17 show the circuit behavior during a mains interruption of 500 ms, as
in the case of a fast on-off-on cycle.
If the OFF time increases, V
CC
discharges until turn-off level, the HVS generator shuts down
and it is re-enabled only when the V
CC
voltage reaches the restart threshold. This is the
cause of the delay in the appearance of the LED light when the OFF time period of the line
is compared to a manual button switch ON and OFF (T > 500 ms).
5.5
Load disconnection
During load disconnection, the output voltage is controlled by the voltage loop and the
converter works in auto-restart.
Figure 18 and Figure 20 represent the load disconnection
transition at 100 V
ac
/50 Hz and 230 V
ac
/50 Hz.
Figure 19 and Figure 21 show the behavior
during the no-load condition.
Figure 16. TOFF = 500 ms at 100 Vac/50 Hz -
0.35 A
Figure 17. TOFF = 500 ms at 230 Vac/50 Hz -
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com