Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 23Page - STMicroelectronics AN4314 Datasheet HTML 24Page - STMicroelectronics AN4314 Datasheet HTML 25Page - STMicroelectronics AN4314 Datasheet HTML 26Page - STMicroelectronics AN4314 Datasheet HTML 27Page - STMicroelectronics AN4314 Datasheet HTML 28Page - STMicroelectronics AN4314 Datasheet HTML 29Page - STMicroelectronics AN4314 Datasheet HTML 30Page - STMicroelectronics AN4314 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
DocID024821 Rev 2
27/31
AN4314
Conducted emission pre-compliance test
31
8
Conducted emission pre-compliance test
The following graphs show the average measurements of the conducted noise with a 23-
LED load and nominal mains voltages. The limits shown on the diagrams are those of
EN55022 class-B, which is the most popular standard for European equipment. As visible,
good margins with respect to the limits are present in all test conditions. Increasing the CX
capacitor value of the EMI filter will improve the safety margin but will affect the PF. A
compromise has been found in this design.
Note that a CY capacitor between the negative output pin of the converter and ground has
been placed to filter common-mode noise flowing into the demonstration board.
A small filter capacitor between the SEA05L output (pin 5) and SEA05L GND (pin 2) has
also been placed for the same reason.
The C20 capacitor between the drain and source of Q3 acts as a snubber and it has been
foreseen to increase the safety margin.
Figure 34. 100 Vac/50 Hz - phase
Figure 35. 100 Vac/50 Hz - neutral
Figure 36. 230 Vac/50 Hz - phase
Figure 37. 230 Vac/50 Hz - neutral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com