Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 15Page - STMicroelectronics AN4314 Datasheet HTML 16Page - STMicroelectronics AN4314 Datasheet HTML 17Page - STMicroelectronics AN4314 Datasheet HTML 18Page - STMicroelectronics AN4314 Datasheet HTML 19Page - STMicroelectronics AN4314 Datasheet HTML 20Page - STMicroelectronics AN4314 Datasheet HTML 21Page - STMicroelectronics AN4314 Datasheet HTML 22Page - STMicroelectronics AN4314 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID024821 Rev 2
19/31
AN4314
PFC waveforms
31
Note that during startup, the loop is still open and the feedback signal (CH2-sensed on R17)
is still low. The time constant - R32 with C7 - (see CH3- voltage on C7 capacitor) is set in
order to mask this transition time, preventing the activation of the protection unnecessarily.
5.4
Line sags and fast on-off
The circuit behavior during a mains sags sequence has been tested, varying the OFF time
period of the line.
Figure 14 and Figure 15 show the behavior during two missed cycles of
20 ms each (line is at 50 Hz).
If V
CC
doesn't discharge until its turn-off level during the missed cycles, the converter
restarts immediately. During the missed cycles, the protection on the PFC_OK pin is
correctly inactivated.
Figure 14. TOFF = 40 ms at 100 Vac / 50 Hz -
0.35 A
Figure 15. TOFF = 40 ms at 230 Vac / 50 Hz -
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com