Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 20Page - STMicroelectronics AN4314 Datasheet HTML 21Page - STMicroelectronics AN4314 Datasheet HTML 22Page - STMicroelectronics AN4314 Datasheet HTML 23Page - STMicroelectronics AN4314 Datasheet HTML 24Page - STMicroelectronics AN4314 Datasheet HTML 25Page - STMicroelectronics AN4314 Datasheet HTML 26Page - STMicroelectronics AN4314 Datasheet HTML 27Page - STMicroelectronics AN4314 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
PFC waveforms
AN4314
24/31
DocID024821 Rev 2
5.7
Feedback failure protection (open loop)
A kind of protection that any power supply must have is one which prevents the failure of the
feedback circuitry. If a failure occurs, for example degradation of one BJT (Q4 or Q5), the
output voltage can increase, damaging the electrolytic capacitor and the LED load.
Figure 28 and Figure 29 show the board behavior opening the loop by removing the resistor
R17 (0
Ω).
The feedback signal on C15 falls, activating the same external protection that pulls down the
PFC_OK (CH1) pin below its disable threshold. The delay in triggering is due to the
charging time of the capacitor C7 through R32. The output voltage (CH3) is limited.
Figure 28. Feedback failure protection
at 100 Vac/50 Hz
Figure 29. Feedback failure protection
at 230 Vac/50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com