Electronic Components Datasheet Search
  English  ▼

X  

AN4314 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 13Page - STMicroelectronics AN4314 Datasheet HTML 14Page - STMicroelectronics AN4314 Datasheet HTML 15Page - STMicroelectronics AN4314 Datasheet HTML 16Page - STMicroelectronics AN4314 Datasheet HTML 17Page - STMicroelectronics AN4314 Datasheet HTML 18Page - STMicroelectronics AN4314 Datasheet HTML 19Page - STMicroelectronics AN4314 Datasheet HTML 20Page - STMicroelectronics AN4314 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
DocID024821 Rev 2
17/31
AN4314
PFC waveforms
31
5.2
Transition mode operation
The ZCD pin, GD and CS pin have also been checked in order to show transition mode
operation
Figure 10 and Figure 11.
An inductor value of 680 μH has been selected in order to get the converter to operate at
very low frequency (35 kHz at 100 V
ac
), minimizing the EMI filter and optimizing the power
factor.
Turn-on of the MOSFET depends on the ZCD triggering signal during its falling edge, turn-
off depends on the CS signal and its comparison with the internal feedback signal (MULT x
COMP).
5.3
Startup
With a 33 μF capacitor on the V
CC
pin, the L6564H turns on typically in less than 600 ms
and the LED light appears 100 ms later. The turn-on time of the device depends on the
value of the V
CC
capacitor and the charging current of the HVS, according to the following
equation (L6564H datasheet [
3]):
Equation 5
Figure 10. TM operation at 100 Vac - 0.35 A -
fsw = 35 kHz
Figure 11. TM operation at 230 Vac - 0.35 A-
fsw = 50 kHz
CH1: DRAIN
CH2: GD
CH3: ZCD
CH4: CS
AM13770V1
CH1: DRAIN
CH2: GD
CH3: ZCD
CH4: CS
AM13771V1
e
ch
on
turn
VCC
up
start
I
V
C
T
arg
−
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com