Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 5Page - STMicroelectronics AN4150 Datasheet HTML 6Page - STMicroelectronics AN4150 Datasheet HTML 7Page - STMicroelectronics AN4150 Datasheet HTML 8Page - STMicroelectronics AN4150 Datasheet HTML 9Page - STMicroelectronics AN4150 Datasheet HTML 10Page - STMicroelectronics AN4150 Datasheet HTML 11Page - STMicroelectronics AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN4150
Synchronous buck converter testing demonstration board
Doc ID 023526 Rev 1
9/20
To overcome these difficulties, in the real board, the Power MOSFET gate current
measurement is made by using a “Rogowski coil” current probe (CWT ultra mini), properly
connected to the Power MOSFET gate pin. The features of this device are interesting,
because it is flexible and open-ended and can be wrapped around a conductor without
disturbing it. Moreover, it is able to respond correctly to fast-changing currents and it is
highly linear even at very high current levels.
In Figure 6, the Rogowski coil probe end placing on a Power MOSFET DPAK gate pin is
shown.
2.1
Power MOSFET selection for comparative tests
The aim of this document is to evaluate and explain the MOSFET technology gate current
relationship; the analysis starts by choosing two different low-side devices, with the same
die size, to be tested on the board:
a)
Device A - “planar” technology
b)
Device B - “trench” technology
All the devices are 30 V logic level FETs (1 V < Vth < 2.5 V). In the following table, the main
Power MOSFET dynamic parameters (intrinsic capacitances and resistances) are reported:
Figure 7 gives the cross sections of the two above mentioned devices.
Figure 6.
Rogowski coil package for Igate measurement
AM14943v1
Table 1.
Power MOSFET electrical parameters
Device
QG @ 4.5 V
(nC)
QGS
(nC)
QGD
(nC)
Ciss @ 25 V
Crss @ 25 V
Coss @ 25 V
RG
(
Ω)
A
14
6.8
4.7
1850
58
380
1.2
B
20
8.2
7.5
2200
280
400
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com