Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 10Page - STMicroelectronics AN4150 Datasheet HTML 11Page - STMicroelectronics AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics AN4150 Datasheet HTML 14Page - STMicroelectronics AN4150 Datasheet HTML 15Page - STMicroelectronics AN4150 Datasheet HTML 16Page - STMicroelectronics AN4150 Datasheet HTML 17Page - STMicroelectronics AN4150 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Bench tests and simulation results overview
AN4150
14/20
Doc ID 023526 Rev 1
In Table 2 the percentage variations (device B vs. device A) of the measured parameters are
reported and defined as:
As shown in Figure 12 and Table 2, device B shows higher values for almost all measured
parameters; in particular, the gap becomes wide for maximum peak, average values at turn-
on and off and maintenance current.
Figure 12.
Device A vs. device B (experimental results)
Table 2.
Percentage variation (experimental results)
Device B vs. device A
ΔIgate, max (A)
29.03%
ΔIgate, min (A)
13.70%
ΔIgate, avg(OFF) (A)
31.93%
ΔIgate, avg(ON) (A)
29.41%
ΔImaint (A)
31.58%
Δtf (ns)
18.24%
Δtr (ns)
18.05%
Δt(I>0) (ns)
18.49%
Δt(I<0) (ns)
-2.16%
010
20
3040506070
80
90
100
Igate,max [A]
Igate,min [A]
Igate,avg (OFF) [A]
Igate,avg (ON) [A]
Imaint [A]
fall time [ns]
rise time [ns]
t (I>0) [ns]
t (I<0) [ns]
Dev. B
Dev. A
Δ
Δ
AM14949v1
Δ parameter
()
BA
–
parameter
()
B
parameter
()
A
–
parameter
()
B
----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com