Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics AN4150 Datasheet HTML 14Page - STMicroelectronics AN4150 Datasheet HTML 15Page - STMicroelectronics AN4150 Datasheet HTML 16Page - STMicroelectronics AN4150 Datasheet HTML 17Page - STMicroelectronics AN4150 Datasheet HTML 18Page - STMicroelectronics AN4150 Datasheet HTML 19Page - STMicroelectronics AN4150 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN4150
Conclusion
Doc ID 023526 Rev 1
17/20
4
Conclusion
Starting from a single-phase synchronous buck converter topology, the impact of silicon
technology on low-side Power MOSFET gate current has been thoroughly analyzed, by
bench tests and Cadence OrCAD Capture simulations. Trench technologies, which are
preferable in high efficiency DC-DC converters due to their very competitive figure of merit
(FOM = RDS(on) * QG) values, have higher specific capacitance values (Cxx/A) compared to
planar ones; this affects the overall device switching performance. This also means different
gate current behavior, with bigger maximum and minimum gate current peaks and longer
rise/fall times.
These different device characteristics should be monitored particularly when application
features (switching frequency, number of paralleled devices, etc.…) are more critical for
switching behavior, making driver-MOSFET matching optimization mandatory.
Two examples can be given to enforce the previous statements. When more FETs are
paralleled, to minimize the overall RDS(on) and the conduction losses, the driver must charge
and discharge a bigger equivalent capacitance to switch on and off the devices. So, to
minimize the gate drive losses, the driver must have special features, in terms of sink/source
current and resistance, particularly when driving trench Power MOSFETs.
Similarly, in hard-switching applications, where larger losses occur during switching
transients, proper driver choice is needed when higher (Cxx/A) Power MOSFETs must be
turned on and off, improving gate current source and sink and reducing the switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com