Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4150 Datasheet HTML 1Page - STMicroelectronics AN4150 Datasheet HTML 2Page - STMicroelectronics AN4150 Datasheet HTML 3Page - STMicroelectronics AN4150 Datasheet HTML 4Page - STMicroelectronics AN4150 Datasheet HTML 5Page - STMicroelectronics AN4150 Datasheet HTML 6Page - STMicroelectronics AN4150 Datasheet HTML 7Page - STMicroelectronics AN4150 Datasheet HTML 8Page - STMicroelectronics AN4150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Synchronous buck converter description
AN4150
4/20
Doc ID 023526 Rev 1
1
Synchronous buck converter description
1.1
Topology and theory of operation
The platform used for the gate current characterization is a single-phase synchronous buck
converter. In Figure 1, the basic schematic is depicted, where S1 is the control FET (or high-
side FET) and S2 is the synchronous FET (or low-side FET). In the same image, it is also
shown that the Power MOSFET gate signals are provided by the “control unit” in a
synchronous way: S1 and S2 cannot be in an ON state simultaneously, avoiding the creation
of a low-resistance path between the input voltage (VIN) and GND (shoot-through or cross-
conduction), generating a spurious power dissipation worsening overall efficiency. L and CO
form the output filter (low-pass filter), which generates a DC voltage from a square-wave
signal on the low-side drain (so-called phase node).
The synchronous buck converter is a closed-loop topology as the output voltage is
compared firstly with a reference voltage, producing an error signal; this voltage is then
compared to a sawtooth signal, at the desired switching frequency (fSW) (integrated in the
control unit) to switch on and off the Power MOSFETs. In this way, the output voltage is
regulated when line or load changes occur.
Together with the output voltage regulation, the control unit provides complete logic control
and protection (overcurrent, overvoltage, undervoltage, etc.…).
When S1 is on, the current in the output coil increases linearly:
and VL = VIN-VOUT. During the deadtime (tdf), the energy store in L discharges through the
body-drain diode of S2 till its gate-source signal becomes high. Therefore, the load current
diverts from the body-drain diode to the channel (VDS,ON << VF,DIODE). Finally, both gate
signals are low and the body-drain diode is forward-biased, allowing the load current flow.
Figure 1.
Single phase synchronous buck converter topology
Control Unit
S2
S1
L
Co
Vin
dead me
dead me
S1 gate
signal
S2 gate
signal
AM14938v1
dl
dt
-----
V
IN
V
OUT
–
L
------------------------------
=
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com