Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4150 Datasheet HTML 1Page - STMicroelectronics AN4150 Datasheet HTML 2Page - STMicroelectronics AN4150 Datasheet HTML 3Page - STMicroelectronics AN4150 Datasheet HTML 4Page - STMicroelectronics AN4150 Datasheet HTML 5Page - STMicroelectronics AN4150 Datasheet HTML 6Page - STMicroelectronics AN4150 Datasheet HTML 7Page - STMicroelectronics AN4150 Datasheet HTML 8Page - STMicroelectronics AN4150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN4150
Synchronous buck converter description
Doc ID 023526 Rev 1
5/20
During the deadtime and before the HS turn-on, the LS device must remove the charge
stored in the LS body-drain diode (reverse recovery charge process) before sustaining
drain-source voltage. Therefore, the body-drain characteristics, in terms of reverse recovery
current and charge, seriously impact the Power MOSFET switching behavior and converter
power losses, especially when the converter switching frequency rises up.
In a synchronous buck converter, the low-side drain is subjected to fast positive/negative
slopes and high voltage spikes, which can exceed the low-side absolute maximum voltage,
degrading the Power MOSFET reliability up unto its failure. Therefore, the right Power
MOSFET choice and system configuration, device placement on the board, and the
optimization of the stray inductances and parasitic, allow an important phase node spike
reduction, improving the converter performance.
If tON is the HS conduction time and TS the switching period, the converter duty cycle is
defined as:
Equation 1
So, the input-output relationship of a buck converter is given by:
Equation 2
1.2
Low-side switching transients analysis
The low-side device works as a “synchronous rectifier” because its on-time interval is
synchronized to the high-side FET on-time; moreover, it works alternatively in an OFF state
(body-drain diode forward biased during deadtime) or in third quadrant (VDS < 0, ID < 0), as
the load current flows from source to drain.
D
t
ON
T
S
---------
=
V
OUT
DV
IN
=
Figure 2.
HS/LS waveforms during LS turn-off
HS waveforms
LS wavefor
LS wavef
e o
ff r
(1)
(2)
(3)
(4)
AM14939v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com