Electronic Components Datasheet Search
  English  ▼

X  

AN4150 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4150
Description  Power MOSFET technology gate current needs in a synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4150 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4150 Datasheet HTML 6Page - STMicroelectronics AN4150 Datasheet HTML 7Page - STMicroelectronics AN4150 Datasheet HTML 8Page - STMicroelectronics AN4150 Datasheet HTML 9Page - STMicroelectronics AN4150 Datasheet HTML 10Page - STMicroelectronics AN4150 Datasheet HTML 11Page - STMicroelectronics AN4150 Datasheet HTML 12Page - STMicroelectronics AN4150 Datasheet HTML 13Page - STMicroelectronics AN4150 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Synchronous buck converter testing demonstration board
AN4150
10/20
Doc ID 023526 Rev 1
In a Power MOSFET with planar technology, the gate structure is on the device surface,
realized by a planar poly-silicon electrode, a gate oxide layer and the silicon; these three
layers form the “MOS” capacitor. The gate oxide isolates the metal contact and its thickness
is in the range of a few or several hundreds of angstroms. The drain current flows from the
source (n+region), through the conductive channel, in the vertical direction to the drain.
Considering now the trench technology, some relevant differences are immediately visible.
The gate structure is realized by a deeply dug poly-silicon electrode (highly doped), isolated
by a gate oxide layer. The trench depth is one of the most important process parameters,
affecting device static (RDS(on)) and dynamic (QGD) performance (it can vary in the range 1-
2 µm). The drain current flows vertically along the trench sidewall towards the drain contact.
Figure 8 shows the same device structures highlighting the geometrical aspects that affect
the Power MOSFET switching performance.
Figure 7.
Device A (left) and device B (right) cross sections
Figure 8.
Device A (left) and device B (right) cross sections with geometrical
details
gate
Al
SOURCE
N+
P-
N- ( drift region
)
N+ ( sub )
DRAIN
Al
SOURCE
N- (drift region
)
N+ ( sub )
DRAIN
P (body )
AM14944v1
gate
Al
SOURCE
N+
P-
N- (dri region)
N+ (sub )
DRAIN
L
Al
SOURCE
N- (dri region)
N+ (sub )
DRAIN
N+
h
L*
P- (body)
AM14945v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com