Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 7Page - STMicroelectronics AN4205 Datasheet HTML 8Page - STMicroelectronics AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AN4205
Input stage of the AC/DC converter
Doc ID 023929 Rev 1
11/23
2.2
Output capacitor selection and post filter
The AC current in the output capacitor causes power dissipation on its series resistance
(ESR), resulting in a rise in temperature. Thus, it is important to not operate the output
capacitor beyond its AC current ripple rating, otherwise its lifetime will be very short. In
general, a low ESR capacitor is a good choice as it provides excellent energy storage and
improves the transient performance. For this project the requirement on ESR is very tight, so
we have used a Cout output capacitor and an LC post filter, like the one shown in Figure 4
that attenuates the ripple to the desired level.
Figure 4.
Cout and output post filter for ripple reduction
In this case we have chosen a capacitor supplier with:
Equation 27
Since we want Vripple~0.4 V (2% of Vout=20 V), hence:
Equation 28
Therefore,
Table 2.
Key transformer characteristics
Name
Symbol
Value
Inductance
Lprimary
2.18 mH ± 15%
Lsecondary
93 µH ± 15%
Lauxiliary
35 µH ± 15%
Transformer ratio
NP/NS
4.85
Leakage inductance
Lleakage
3.5% nom
Parasitic capacitance
Cparasitic
38 pF
Saturation current
Isat
0.45 A max
Switching frequency
fs
100 kHz
L1
C6
C5
D5
STTH2R02U
AM16370v1
ESR
C
•
32
10
06
–
s
•
=
ESR
ripple
V
ripple
I
S peak
,
------------------
0.24
Ω
==
C
out
32
10
•
06
–
ESR
---------------------------
≥
135
μF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com