Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics AN4205 Datasheet HTML 18Page - STMicroelectronics AN4205 Datasheet HTML 19Page - STMicroelectronics AN4205 Datasheet HTML 20Page - STMicroelectronics AN4205 Datasheet HTML 21Page - STMicroelectronics AN4205 Datasheet HTML 22Page - STMicroelectronics AN4205 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AN4205
Output stage setting
Doc ID 023929 Rev 1
19/23
Figure 13.
Details of switching regulation
The VDS signal is processed by an operational amplifier (A.O.) and is then sent to the “non-
inverting input” of the “UC3842” driver, which decides the state of the Power MOSFET M1
put in a flyback topology Figure 13. If the VDS value is greater than the threshold (fixed by
specification), the "UC3842" driver stops the PWM regulation and the output voltage
decreases, vice versa the PWM regulation starts again.
The main advantages for processing the VDS signal rather than the VBUS as in other
standard linear regulation systems, are listed as follows:
1.
To keep the ripple output voltage low
2.
To fix the average value of the VDS voltage in order to minimize the power losses of the
power transistor
3.
To guarantee the VDS value lower than the threshold even if one or more LED
components are short
Rs
3
6
5
4
8
1
2
7
Uc3
842
+
-
Vcc
+
-
Vcc
VBus
Input Switching Control
MOSFET M2
Bipolar Q 1
LEDs
Output Switching Control
R2
R1
R3
R19
R4
R6
R5
C8
DZ3
MOSFET M1
AM16379v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com