Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics AN4205 Datasheet HTML 18Page - STMicroelectronics AN4205 Datasheet HTML 19Page - STMicroelectronics AN4205 Datasheet HTML 20Page - STMicroelectronics AN4205 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN4205
Output stage setting
Doc ID 023929 Rev 1
17/23
Figure 11.
IC1 setting
The bipolar Q1, operating in forward active mode, guarantees the linear region for the
Power MOSFET device and so the linear regulation of the IDS (Iout) current can occur thanks
to Equation 1. The Q1 transistor is basically a common-emitter amplifier where the base
terminal serves as the input and the collector terminal as the output. The voltage gain
depends on the R1/R3 resistors and on the transconductance gm.
The R1 resistor in Figure 10 and the Vz voltage of DZ3 Zener fix the collector variations in
function of the Veb voltage and consequently determine the peak-to-peak amplitude of the
regulation signal. On the other hand, the R3 and R19 resistors in Figure 10 set the feedback
time of the bipolar Q1 and Power MOSFET M2.
To summarize, Figure 12 clarifies the linear current regulation of this simple and innovative
solution.
+
-
Vcc
R4
R6
R5
R2
C8
8
.
41
)
2
.
1
49
1
(
)
1
(
4
6
2
≅
Ω
Ω
+
=
+
=
k
k
R
R
G
V
mV
V
G
V
R
o
1
.
5
120
*
8
.
41
2
2
≅
=
=
2
R
V
o
V
AM16377v1
V
ec
V
eb
---------
g
m Req
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com