Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics AN4205 Datasheet HTML 18Page - STMicroelectronics AN4205 Datasheet HTML 19Page - STMicroelectronics AN4205 Datasheet HTML 20Page - STMicroelectronics AN4205 Datasheet HTML 21Page - STMicroelectronics AN4205 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Output stage setting
AN4205
18/23
Doc ID 023929 Rev 1
Figure 12.
Operating point of the Power MOSFET
4.1
Switching regulation
The switching regulation adjusts the VDS voltage of the Power MOSFET (M2) device in order
to decrease the power losses during the linear regulation. In particular this type of regulation
first reads the VDS voltage of the Power MOSFET in series to the LED components and then
controls the out voltage (VBus) in order to fix VDS in order to minimize the power losses in the
power transistor. When the VDS voltage reaches the maximum threshold (fixed by the
specification), the IDS (IOUT) current has already reached the 350 mA value, thus triggering
the switching regulation.
Vds
t
Ids(Iout)
t
Ids=350mA
Vds=300 mV
Vgs
t
Vds [V]
Ids(Iout) [ A]
AM16378v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com