Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 8Page - STMicroelectronics AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Input stage of the AC/DC converter
AN4205
12/23
Doc ID 023929 Rev 1
The choice of the correct size of the post filter has been an iterative process that has
required some trials before finding the optimal level of the desired ripple.
2.3
Clamp circuit
Figure 5.
Clamp circuit
The drain pin of the Power MOSFET device (STD3NK80Z) has to be properly clamped to
prevent a spike due to the transformer leakage inductance from exceeding the breakdown
voltage. An RCD clamp is a cheap solution but it dissipates power. Therefore we have
preferred to use a Zener or Transil™ clamp which is recommended to minimize the power
losses during the Power MOSFET commutation.
Imposing a safety margin of 15%, we have:
Equation 29
Hence:
In accordance with this specification the Transil™ is STP6KE300A.
DZ1
D1
T1
M1
R3
AM16371v1
V
ZENER
V
DCmax
V
DSS
15
–
=
+
% VDSS
V
ZENER
300V
≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com