Electronic Components Datasheet Search
  English  ▼

X  

AN4205 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics AN4205 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Input stage of the AC/DC converter
AN4205
14/23
Doc ID 023929 Rev 1
The timing resistor can be calculated from the following formula:
Equation 30
The UC3842 current sensing input is done externally with ground-referenced resistor R3.
Under normal operation the peak voltage across R3 is controlled by the error amplifier
according to the following formula:
Equation 31
where VC = E/A output voltage.
The next step is the error amplifier (E/A) configuration. The R6, R7 and C7 error amplifier
compensation circuit is chosen in order to ensure converter stability while providing good
dynamic response.
2.5
Overvoltage protection circuit
Figure 9.
Overvoltage protection circuit
The overvoltage protection circuit is required in order to not damage the LED lamps. It is
connected between the output and ground. The Zener diode voltage has been chosen to be
slightly above that of the output voltage. When the Zener diode voltage is reached, current
flows into the resistor and as soon as the voltage, through the diode, exceeds one of the
internal silicon diodes (1 V) of the UC3842 driver, the PWM is stopped. In this way the
voltage across the output capacitor decreases. When the input of the error amplifier of
UC3842 is lower than 2.5 V (internal reference voltage), the PWM restarts. So this
overvoltage protection circuit temporarily stops the PWM driver, but it ensures system
operation as soon as the condition of the error amplifier is reached.
f
osc kHz
()
1.72
R5 k
() C9 μF
()
•
------------------------------------------
=
I
P peak
,
V
C
1.4V
–
3R
S
--------------------------
=
3
6
5
4
8
1
2
7
DZ3
D6
R17
VBus
AM16375v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com