| Electronic Components Datasheet Search |
|
AN1278 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1278 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 44 page ![]() 11/44 LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS The following figure (Figure 7) shows a typical application of the L9638 LIN transceiver to- gether with the ST72124J microcontroller and a voltage regulator. Figure 7. Application of L9638 with ST72124J Microcontroller The voltage regulator supplies the application and generates the MCU reset signal. The LIN transceiver is the physical line interface between the SCI (Serial Communication Interface) TDI and RDO pins of the microcontroller and the LIN bus line. The microcontroller handles the LIN protocol and the application functions. In order to lower power consumption the microcontroller is able to switch off the LIN trans- ceiver via the L9638 “EN” input. The transceiver is then able to switch off the voltage regulator by connecting its “INH” output to the “EN” input of the voltage regulator. In this state any ac- tivity on the LIN bus will cause the L9638 to wake the voltage regulator up via the “INH” pin. Another wake-up source is the “WUP” pin of the L9638 that can be used for contact sensing. Any edge on this pin will also wake up the regulator. LIN Node Vbatt LIN LIN RxD TxD INH EN LIN WUP Vs GND reset GND Vdd TDI RDO I/O pin Vs Vout RES voltage regulator ST72124J MCU transceiver EN L9638 GND Vdd |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |