Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics AN1278 Datasheet HTML 42Page - STMicroelectronics AN1278 Datasheet HTML 43Page - STMicroelectronics AN1278 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
4.4.3 Using the on-chip SCI
Using the on-chip SCI the flexibility is considerably increased. The CPU load is very low and
the capability of the application software to run at the same time as the LIN software is high.
Firstly a LIN interrupt occurs every byte instead of every bit (even every half bit in transmis-
sion) in the timer solution. And secondly the received byte is buffered in hardware which al-
lows a lot of flexibility.
Figure 23. CPU load with on-chip SCI peripheral
4.4.3.1 Reception
The on-chip peripheral is handling the SCI communication and notifies a reception at the end
of each byte. A LIN interrupt is then generated and handles the received data according to the
LIN protocol.
Figure 24. Reception Notification Interrupt
When the SCI notifies the reception it copies at the same time the received value into a buffer.
As a result the peripheral is ready for the next reception and the software can still hold the re-
ceived data until the end of the new reception. Afterwards an overrun condition occurs.
CPU not used for LIN
LIN interrupt running
LIN Bus
LIN frame
stop
bit
1 byte
SCI reception notification
LIN interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com