Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 15Page - STMicroelectronics AN1278 Datasheet HTML 16Page - STMicroelectronics AN1278 Datasheet HTML 17Page - STMicroelectronics AN1278 Datasheet HTML 18Page - STMicroelectronics AN1278 Datasheet HTML 19Page - STMicroelectronics AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics AN1278 Datasheet HTML 22Page - STMicroelectronics AN1278 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
#define BAUDRATE
#define BRR
#define ExPR
Note: Here is a list of baudrates and corresponding settings of (BRR,ExPR) depending on the
CPU frequency. Note that there are some small differences in the SCI prescaler between for
example the ST72324/321/521 and ST72314/334 derivatives. As a result the value of BRR
and ExPR may also depend on the MCU derivative.
Table 8. Example of (BRR,ExPR) values versus baudrate and fCPU
(*): fCPU=fOSC/2 if PLL is not used
#define ID_TABLE_SIZE
#define
BAUDRATE
Description
LIN communication speed in bit/s
#define
BRR, ExPR
Description
Needs to be defined only if SCI is defined.
Set both registers to obtain the baudrate previously
defined. BRR is the “baudrate register” and ExPR
will set the same value for both the “extended re-
ceive prescaler division register” and the “extended
transmit prescaler division register”. Refer to the
datasheet of the MCU you are using (“Serial Com-
munication Interface” chapter).
ST72x314/334/124
ST72x324/321/521
fCPU(*)
8MHz
4MHz2MHz8MHz4MHz2MHz
bit rate(bit/s)
(0xD2,0x00)
(0xC9,0x00) (0xC0,0x00) (0xDB,0x00) (0xD2,0x00) (0xC9,0x00)
4,8k
9,6k
(0xC9,0x00)
(0xC0,0x00) (0x00,0x0D) (0xD2,0x00) (0xC9,0x00) (0xC0,0x00)
19,2k
(0xC0,0x00)
(0x00,0x0D)
high quantifi-
cation error
(0xC9,0x00) (0xC0,0x00)
high quantifi-
cation error
20k
(0x00,0x19)
high quantifi-
cation error
high quantifi-
cation error
(0x00,0x19)
high quantifi-
cation error
high quantifi-
cation error
#define
ID_TABLE_SIZE
description
number of LIN frames to be handled by the applica-
tion. See Section 3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com