Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 13Page - STMicroelectronics AN1278 Datasheet HTML 14Page - STMicroelectronics AN1278 Datasheet HTML 15Page - STMicroelectronics AN1278 Datasheet HTML 16Page - STMicroelectronics AN1278 Datasheet HTML 17Page - STMicroelectronics AN1278 Datasheet HTML 18Page - STMicroelectronics AN1278 Datasheet HTML 19Page - STMicroelectronics AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
#define SCI
#define LIN_PORT_ADD
#define LIN_RX_PINNB
Example: ST72-104/215/216/254 MCU family
#define
UART_TIMERA, UART_TIMERB or SCI
Description
Define only one of these options. Define
UART_TIMERA or UART_TIMERB if you use a mi-
crocontroller without SCI and depending on the tim-
er you want to use. The serial communication will
be emulated by software with a timer. If you use a
microcontroller with an on-chip SCI, define SCI.
The hardware SCI peripheral will be used.
#define
LIN_PORT_ADD
Description
Needs to be defined only if UART_TIMERA or
UART_TIMERB is defined.
Set which pin is the LIN RX pin. This symbol should
be set to the address of the data register of the I/O
port linked to the LIN RX pin (PC3>set address of
PCDR register).
#define
LIN_RX_PINNB
Description
Needs to be defined only if UART_TIMERA or
UART_TIMERB is defined.
Set which pin is the LIN RX pin. This symbol should
be set to the number of the pin linked to the LIN RX
pin (PC3>set 3).
SCI emulated by Timer A
SCI emulated by Timer B
LIN RX on IC1
LIN RX on IC2
LIN RX on IC1
LIN RX on IC2
LIN RX is pin:
PB0 (Port B pin 0)
PB2 (Port B pin 2)
PC0 (Port C pin 0)
PC3 (Port C pin 3)
LIN_PORT_ADD
0x04
0x04
0x00
0x00
LIN_RXC_PINNB
0203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com