Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics AN1278 Datasheet HTML 22Page - STMicroelectronics AN1278 Datasheet HTML 23Page - STMicroelectronics AN1278 Datasheet HTML 24Page - STMicroelectronics AN1278 Datasheet HTML 25Page - STMicroelectronics AN1278 Datasheet HTML 26Page - STMicroelectronics AN1278 Datasheet HTML 27Page - STMicroelectronics AN1278 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
Figure 11. LIN description file of the example
The rest of the example is divided into 2 main parts. The described example is first imple-
mented on the ST72254G2 MCU which has no SCI peripheral. This part demonstrates the ca-
pability of the LIN software to emulate the whole LIN protocol using the embedded 16-bit
timer. The second part describes the implementation on the ST72334N4 which has an SCI pe-
ripheral.
LIN_description_file ;
LIN_protocol_version = 1.1;
LIN_language_version = 1.1;
LIN_speed = 9.6 kbps;
Nodes {
Master: master, 1 ms, 0.1 ms;
Slaves: slave1, slave2;
}
Signals {
MasterDataToSlave1:16,5,master;
Slave1DataA:16,0,slave1;
Slave1DataB:8,0,slave1;
Slave1DataC:8,0,slave1;
Slave2DataA:8,0,slave2;
Slave2DataB:8,0,slave2;
}
Frames {
DataToSlave1:03,master {
MasterDataToSlave1,0;
}
RequestToSlave1:32,slave1 {
Slave1DataA,0;
Slave1DataB,16;
Slave1DataC,24;
}
RequestToSlave2:54,slave2 {
Slave2DataA,0;
Slave2DataB,8;
}
}
Schedule_tables {
Test_Schedule {
DataToSlave1 delay 10 ms;
RequestToSlave1 delay 15 ms;
RequestToSlave2 delay 15 ms;
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com