Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 14Page - STMicroelectronics AN1278 Datasheet HTML 15Page - STMicroelectronics AN1278 Datasheet HTML 16Page - STMicroelectronics AN1278 Datasheet HTML 17Page - STMicroelectronics AN1278 Datasheet HTML 18Page - STMicroelectronics AN1278 Datasheet HTML 19Page - STMicroelectronics AN1278 Datasheet HTML 20Page - STMicroelectronics AN1278 Datasheet HTML 21Page - STMicroelectronics AN1278 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
#define UART_IC1
#define UART_IC2
#define UART_OC1
#define UART_OC2
#define TIMEOUT_TIMERA
#define TIMEOUT_TIMERB
#define TIMEOUT_OC1
#define TIMEOUT_OC2
#define
UART_IC1, UART_IC2
Description
Needs to be defined only if UART_TIMERA or
UART_TIMERB is defined.
Define only one of these options. Define UART_IC1
if the LIN RX pin is connected to the Input Capture
1 pin. Define UART_IC2 if the LIN RX pin is con-
nected to the Input Capture 2 pin.
#define
UART_OC1, UART_OC2
Description
Needs to be defined only if UART_TIMERA or
UART_TIMERB is defined.
Define only one of these options. Define
UART_OC1 if the LIN RX pin is connected to the
Output Compare 1 pin. Define UART_OC2 if the
LIN RX pin is connected to the Output Compare 2
pin.
#define
TIMEOUT_TIMERA, TIMEOUT_TIMERB
Description
Define only one of these options. Define which tim-
er is used for the timeout handling.
If you already defined a timer for the SCI emulation
set the same timer for the timeout handling. This will
optimize the use of resources: A timer is fully used
for the LIN software and the second is free for the
application.
#define
TIMEOUT_OC1, TIMEOUT_OC2
Description
Define only one of these options. Define which out-
put compare of the previously defined timer is used
for the timeout handling.
Warning: If the same timer is used for both the SCI
emulation and the timeouts handling, do not define
the same output compare for both features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com