Electronic Components Datasheet Search
  English  ▼

X  

AN1278 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN1278
Description  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 36Page - STMicroelectronics AN1278 Datasheet HTML 37Page - STMicroelectronics AN1278 Datasheet HTML 38Page - STMicroelectronics AN1278 Datasheet HTML 39Page - STMicroelectronics AN1278 Datasheet HTML 40Page - STMicroelectronics AN1278 Datasheet HTML 41Page - STMicroelectronics AN1278 Datasheet HTML 42Page - STMicroelectronics AN1278 Datasheet HTML 43Page - STMicroelectronics AN1278 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
Figure 19. OC interrupt Handling in Reception Mode
4.4.2.2 Transmission
For transmission the software only uses the Output Compare feature of the 16-bit timer. For
each bit, two OC interrupts are generated. The first one is generated to output the value of the
new bit. The second is used to read back the bus and check whether the output value is actu-
ally being sent, in other words to check for a bit error. See Figure 20.
Figure 20. SCI emulation: LIN Transmission
The bit transition time is precise because the timer output compare itself outputs the new level
when an output compare event occurs. Software delays do not influence the bit transitions.
The first OC sets a new OC for the middle of the bit. The second reads the LIN bus level and
prepares the next OC to output the next bit.
As a result the application software should not:
1 bit
application task
deadline for
start of OC interrupt
OC request
OC interrupt served
1 bit
1st OC:
2nd OC:
output new bit
read back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com