Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology LT3593 Datasheet HTML 10Page - Linear Technology LT3593 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3593
7
3593f
OPERATION
The LT3593 uses a constant frequency, current mode
control boost scheme to provide excellent line and load
regulation. Operation can be best understood by referring
to the Block Diagram in Figure 1.
Output Disconnect
An internal switch connects between the CAP pin and the
LED pin. The top of the LED string is connected to the
LED pin. The string can be terminated to ground or to
VIN if a low number of LEDs are driven. When the part is
in shutdown, the switch is off; allowing no current to run
through the LEDs.
Current Programming
The LED current can be set to 32 different values
(625μA – 20mA) by strobing the CTRL pin. A 5-bit
counter is decremented by 1 on a CTRL pin rising edge,
reducing the programmed current by 625μA each time.
The desired current can be calculated by:
ILED = 20mA – (N – 1) • 625μA
where N is the number of rising edges. When the desired
current setting is reached, the CTRL pin must stay high.
128μs after the last rising edge on the CTRL pin, the
regulator will enable the output and start to regulate the
LED current to the programmed value. Figure 2 shows
an example of how the part can be programmed.
If a different current is desired, the CTRL pin can be strobed
again. The first falling edge will reset the internal register
to the 20mA setting. While the new current is being pro-
grammed, the device will continue to regulate the previously
programmed value until the CTRL pin has remained high
for at least 128μs, at which time the regulated current will
slew to the newly programmed value. Figure 3 shows how
to program a new LED current level.
If the CTRL pin is held low for longer than 128μs, the part
will go into the shutdown mode.
Figure 2. Current Programming
CTRL
12.5mA
3593 F02
CTRL
15mA
CTRL
17.5mA
CTRL
FULL CURRENT
20mA
CTRL
LED
CURRENT
128μs
20mA
20mA
17.5mA
17.5mA
SHDN
3593 F03
128μs
128μs
Figure 3. Current Programming and Shutdown Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com