Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 5 Page - Linear Technology

  LT3593 Datasheet HTML 1Page - Linear Technology LT3593 Datasheet HTML 2Page - Linear Technology LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3593
5
3593f
Open-Circuit Output Clamp
Voltage
Input Current in Output Open
Circuit
Open-Circuit Output Clamp
Voltage vs Temperature
Input Current in Output
Open-Circuit vs Temperatue
Switching Frequency vs
Temperature
Full-Scale Current vs VIN
Full-Scale Current vs VCAP
Full-Scale Current vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.
LED Current vs CTRL Strobe
Pulses
TEMPERATURE (°C)
–50
40
38
39
37
36
75
0
–25
25
3593 G11
100
50
VIN = 3.6V
NUMBER OF CTRL STROBES
0
20
15
10
0
16
824
3593 G14
32
VIN = 3.6V
10LEDS
5
VCAP (V)
5
21.0
20.5
20.0
19.0
25
20
15
10
30
3593 G16
35
19.5
TEMPERATURE (°C)
–50
21.0
20.5
20.0
19.0
0
–25
50
75
25
3593 G17
100
VIN = 3.6V
10LEDS
19.5
VIN (V)
2
40
38
39
37
36
5
4
3
3593 G09
6
25°C
100°C
–50°C
VIN (V)
2.0
2.5
10
8
9
4
5
6
7
2
5.0
5.5
3.0
3.5
3593 G10
6.0
4.0
4.5
3
TEMPERATURE (°C)
–50
8
6
7
5
2
75
0
–25
25
3593 G12
100
50
VIN = 3.6V
4
3
TEMPERATURE (°C)
–50
1150
1050
1100
1000
850
75
0
–25
25
3593 G13
100
50
VIN = 3.6V
950
900
VIN (V)
2.5
21.0
20.5
19.0
5.0
3.5
3.0
4.0
3593 G15
6.0
5.5
4.5
10 LEDs
20.0
19.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com