Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 3 Page - Linear Technology

  LT3593 Datasheet HTML 1Page - Linear Technology LT3593 Datasheet HTML 2Page - Linear Technology LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3593
3
3593f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VCTRL = 3.6V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
VSW = 30V
1
μA
LED Pin Voltage Drop (VCAP – VLED)ILED = 20mA
250
mV
LED Pin Leakage Current
CTRL = 0, VCAP = 35V
1
μA
CTRL High Threshold
1.6
V
CTRL Low Threshold
0.4
V
CTRL tPW
Programming Pulse Width (Note 3)
250
ns
CTRL tSD
Time from CTRL = 0 to Shutdown
95
128
200
μs
CTRL tEN
Time from CTRL = 1 to Enable
95
128
200
μs
Full-Scale LED Current
VCAP = 16V
VCAP = 16V
l
19
18.5
20
20
21
21.5
mA
mA
LED Current Programming Resolution
Linear Increments
625
μA
LED Current Limit
45
mA
CTRL Pin Bias Current
VCTRL = 5.5V
1
μA
Overvoltage Protection
l
36
38
40
V
Note 2: The LTC3593E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 85°C operating junction temperature range are assured
by design, characterization and correlation with statistical process
controls.
Note 3: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com