Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 4 Page - Linear Technology

  LT3593 Datasheet HTML 1Page - Linear Technology LT3593 Datasheet HTML 2Page - Linear Technology LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3593
4
3593f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Shutdown Current (VCTRL = 0V)
LED Pin Voltage Drop
(VCAP – VLED)
Switching Waveform
Quiescent Current (VCTRL = 3.6V)
Switching Current Limit vs
Temperature
TA = 25°C unless otherwise specified.
Transient Response
VIN (V)
2
6
4
2
5
3
1
0
5
3
3593 G02
6
4
–50°C
25°C
100°C
LED CURRENT (mA)
0
300
200
100
250
150
50
0
15
5
3593 G04
20
10
–50°C
25°C
100°C
VIN = 3.6V
VCAP = 16V
TEMPERATURE (°C)
–50
46
44
45
43
42
75
0
–25
25
3593 G05
100
50
VIN = 3.6V
VCAP = 16V
LED Pin Current Limit
IL
200mA/DIV
200μs/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
3393 G08
VCTRL
5V/DIV
VCAP
10V/DIV
SWITCH CURRENT (mA)
0
600
400
200
500
300
100
0
400
200
3593 G01
600
300
–50°C
100
500
100°C
25°C
VIN (V)
2
3.50
3.00
2.50
3.25
2.75
2.25
2.00
5
3
3593 G03
6
4
–50°C
25°C
100°C
TEMPERATURE (°C)
–50
750
650
700
600
550
25
50
75
–25
3593 G06
100
0
VIN = 3.6V
VCAP
200mV/DIV
AC COUPLED
1μs/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
3393 G07
IL
200mA/DIV
VSW
20V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com