Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology LT3593 Datasheet HTML 10Page - Linear Technology LT3593 Datasheet HTML 11Page - Linear Technology LT3593 Datasheet HTML 12Page - Linear Technology LT3593 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3593
9
3593f
APPLICATIONS INFORMATION
Figure 5. Output Open-Circuit Waveform
Figure 6. Two AA Cells to Three White LEDs
Overvoltage Protection
The LT3593 has an internal open-circuit protection circuit.
In the case of an output open circuit, when the LEDs are
disconnected from the circuit or the LEDs fail open, VCAP
is clamped at 38V. The LT3593 will then switch at a very
low frequency to minimize input current. VCAP and input
current during output open circuit are shown in the Typical
Performance Characteristics. Figure 5 shows the transient
response when the LEDs are disconnected.
Low Input Voltage Applications
The LT3593 can be used in low input voltage applications.
The input supply voltage to the LT3593 must be 2.7V or
higher, but the inductor can be run off a lower battery
voltage. This technique allows the LEDs to be powered off
two alkaline cells. Most portable devices have a 3.3V logic
supply voltage which can be used to power the LT3593.
The LEDs can be driven straight from the battery, resulting
in higher efficiency.
Figure 6 shows three LEDs powered by two AA cells.
The battery is connected to the inductors and the chip is
powered off a 3.3V logic supply voltage.
CTRL
C1: TAIYO YUDEN EMK107B5105MA
C2: MURATA GRM31MR71H105KA88
L1: MURATA LQH43CN100
D1: CENTRAL CMDSH05-4
VIN
L1
10μH
2 AA CELLS
2V TO 3.2V
3.3V
3593 F06
LT3593
SHUTDOWN AND
CURRENT CONTROL
SW
CAP
LED
GND
C1
1μF
C2
1μF
C3
1μF
D1
VCAP
20V/DIV
400μs/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
3593 F05
IL
200mA/DIV
VSW
20V/DIV
LEDs DISCONNECTED
AT THIS INSTANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com